PART |
Description |
Maker |
AD7581 AD7581AQ AD7581BQ AD7581CQ AD7581JN AD7581K |
12-Bit 50 kSPS ADC I2C Low Power 8-Channel MUX Int 2.5V Ref 16-TSSOP -40 to 85 5.25V-2.7V, 8 bit, 250KSPS, Synchronous Serial ADC 8-SON -40 to 85 CMOS uP-COMPATIBLE 8-BIT/ 8-CHANNEL DAS CMOS uP-COMPATIBLE 8-BIT, 8-CHANNEL DAS CMOS uP-COMPATIBLE 8-BIT 8-CHANNEL DAS
|
Analog Devices, Inc. AD[Analog Devices]
|
AD421 AD421BR EVAL-AD421EB AD421BN AD421BRRL EVAL- |
Loop-Powered 4 mA to 20 mA DAC Loop-Powered 4-20 mA DAC 18-Bit/ 2.5 LSB INL/ 570 kSPS SAR ADC 1 MSPS/ 12-Bit ADCs Evaluation Board for 1MSPS/ 12-Bit ADC SigmaDSP 3-Channel/ 26-Bit Signal Processing DAC Low Cost/ Low Power CMOS General Purpose Analog Front End EvaluationBoardforLowCost/LowPower/ CMOSGerneralPurposeDualAnalogFrontEnd Evaluation Board for 12-bit high speed/ low power/ successive-approximation ADC Evaluation Board AD1555/1556 24-Bit ADC 1.8 V/ Micro-Power/ 8/10/12-Bit ADCs in 6 Lead SOT-23 Evaluation Board for 1MSPS/ 12-/ 10-Bit ADCs 2.35 V to 5.25 V/ 1 MSPS/ 12-/10-/8-Bit ADCs in 6-Lead SC70 Multichannel 24-Bit/ 192 kHz/ DAC 2 ADC/ 8 DAC/ 96 kHz/ 24-Bit Codec Low Cost/ Low Power CMOS General-Purpose Dual Analog Front End AD73360L Evaluation Board/ Six Input Channel Analog Front End 3MSPS/ 12-Bit SAR ADC 2 ADC/ 6 DAC/ 96KHZ 24 BIT CODEC Differential Input/ Dual 2 MSPS/ 12-Bit/ 3-Channel SAR ADC Software Selectable True Bipolar Input/ 2-Channel/ 12-Bit Plus Sign ADC Differential Input/ 1MSPS/ 12-Bit ADC in SO-8 and S0-8 Evaluation Board for 10-bit high speed/ low power/ successive-approximation ADC 32-Channel/ 14-Bit Voltage-Output DAC 3MSPS/ 14-Bit SAR ADC
|
AD` AD[Analog Devices] ATMEL Corporation Analog Devices, Inc. http://
|
KAD2708L-17 KAD2708L-21 KAD2708L-35 KAD2708L-27Q68 |
8-Bit, 350/275/210/170/105MSPS A/D Converter 8-Bit, 350MSPS Single-Channel ADC, LVDS Outputs 8-Bit, 210MSPS Single-Channel ADC, LVDS Outputs 8-Bit, 170MSPS Single-Channel ADC, LVDS Outputs
|
Intersil Corporation
|
2486 LTC2486CDE |
16-Bit 2-/4-Channel ツヒ ADC with PGA and Easy Drive Input Current Cancellation 4-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PQCC14
|
Linear Technology Corporation Linear Technology, Corp.
|
MAX1239EEE-T MAX122BEAG MAX122BEAGT MAX1241AESA-T |
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs 12-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 500ksps, Sampling, 12-Bit ADC with Track/Hold and Reference 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24 2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8
|
Maxim Integrated Products, Inc.
|
AD7887 AD7887AR AD7887ARM AD7887BR EVAL-AD7887CB E |
2.7 V to 5.25 V/ Micropower/ 2-Channel/ 125 kSPS/ 12-Bit ADC in 8-Lead uSOIC 2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC 2.7V to 5.25 V, Micro Power, Dual-Channel, 125 kSPS, 12-Bit ADC in 8-Pin µSOIC
|
Analog Devices, Inc. AD[Analog Devices]
|
AD7366ARUZ-REEL7 AD7366BRUZ AD7366BRUZ-REEL7 AD736 |
True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC DUAL 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO24
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
AD7934BRUZ-6 |
4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer 4-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28
|
Analog Devices, Inc.
|
AD7792BRUZ AD7793BRUZ-REEL1 AD7793BRUZ1 ANALOGDEVI |
3-Channel, Low Noise, Low Power, 16-Bit Sigma Delta ADC with On-Chip In-Amp and Reference; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial 3-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO16 3-Channel, Low Noise, Low Power, 16-/24-Bit Σ-Δ ADC with On-Chip In-Amp and Reference
|
Analog Devices, Inc.
|
LTC2496 LTC2496CUHFTR |
16-Bit 8-/16-Channel ΔΣ ADC with Easy Drive Input Current Cancellation 16-Bit 8-/16-Channel Delta Sigma ADC with Easy Drive Input Current Cancellation; Package: QFN; No of Pins: 38; Temperature Range: 0°C to 70°C 16-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PQCC38
|
Linear Technology, Corp.
|
|